|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
product data sheet part number: C1305 date: 11/8/2007 revision level: 5 4c 20 awg 26/34 tc rubber oas rubber control cable a. construction diameters b. industry approvals c. electrical properties conductor: insulation: jacket: print legend: cable: braid tape: #20 awg 26/24 tinned copper 0.020" wall rubber 0.035" wall rubber - black 0.038" nom. carol (r) c-1305a made in usa 4 conductors @ 2.50" lhl with mylar wrap. 0.200" nom . 0.080" nom. 0.300" +/- 0.015" #36 awg tinned copper 80% min. coverage 0.225" nom. cotton separator 0.230" nom. temperature: suggested working voltage (vrms): conductor d.c. resistance: 60 c 300vrms 11.3 ohms/1000 ft nom none 1 2 3 4 black white red green d. color code (listed as individual conductors or pairs of conduc tors) note: data are subject to change without notice. contact your customer service representative for la test information.
|
Price & Availability of C1305 |